PART |
Description |
Maker |
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
IDT71L024L70PZI IDT71L024 IDT71L024L100PZ IDT71L02 |
low power 3v cmos sram 1 meg (128k X 8-bit) 128K X 8 STANDARD SRAM, 100 ns, PDSO32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
A61L73081S-15 |
128K X 8 BIT HIGH SPEED CMOS SRAM 128K的8位高速CMOS SRAM
|
AMIC Technology Corporation AMIC Technology, Corp.
|
BS616UV2019AI85 BS616UV2019TI85 |
Ultra Low Power CMOS SRAM 128K X 16 bit 超低功耗CMOS SRAM 128K的16
|
BRILLIANCE SEMICONDUCTOR, Inc.
|
MX27C1000A MX27C1000AMC-10 MX27C1000AMC-12 MX27C10 |
1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 125
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
LP621024D-55LLT LP621024D-70LLT LP621024DM-55LLT L |
128K X 8 BIT CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
A617308S A6173081S-15 A6173081SW-12 A6173081S-12 |
128K X 8 BIT HIGH SPEED CMOS SRAM
|
AMIC Technology Corporation
|
LY61L1288RL-15E LY61L1288RL-10I LY61L1288RL-12 LY6 |
128K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
LY6112816 LY6112816E LY6112816I LY6112816LL LY6112 |
5V 128K X 16 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|